PART |
Description |
Maker |
CPDH36V0U-HF CPDH24V0U-HF CPDH5V0U-HF CPDH3V3U-HF |
Halogen Free ESD Diodes, V<sub>C</sub>=55V, V<sub>ESD</sub>=30kV Halogen Free ESD Diodes, V-C=30V, V-ESD=30kV Halogen Free ESD Diodes, V-C=9V, V-ESD=30kV Halogen Free ESD Diodes, V-C=6.5V, V-ESD=30kV
|
Comchip Technology
|
ECCM1C-15-12.609375M |
CRYSTALS 30/50 0 70 15PF P 12.609375MHZ ATCUT FUND 7X5MM 4PAD SMD QUARTZ CRYSTAL RESONATOR, 12.609375 MHz CRYSTALS 30/50 0 70 15PF P 12.609375MHZ ATCUT FUND 7X5MM 4PAD SMD
|
Ecliptek, Corp. ECLIPTEK CORP
|
ASM3P623S00FG-16-TT ASM3I623S00AF-08-SR ASM3I623S0 |
Zero Cycle Slip Peak EMI reduction IC HDWR,HEATSINK FOR D2-PAK/TO-263, SMD Zero Cycle Slip Peak EMI reduction IC 3P SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Zero Cycle Slip Peak EMI reduction IC 3I SERIES, PLL BASED CLOCK DRIVER, 1 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 Zero Cycle Slip Peak EMI reduction IC 3I SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Zero Cycle Slip Peak EMI reduction IC 3P SERIES, PLL BASED CLOCK DRIVER, 1 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 PS EXT MED 10.2W 12V @ 0.85A 3I SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 PS EXT MED 10.2W 12V @ 0.85A 3P SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Flat / Ribbon Cable; Number of Conductors:10; Pitch Spacing:0.05"; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Approval Bodies:UL RoHS Compliant: Yes TOOL POSITIONER FOR 616336 TOOL INSERT PLIER MILITARY PT Dust Cover; For Use With:Anderson Power SB175 Series Connectors; Color:Red Dust Cover; For Use With:Anderson Power SB50 Series Connectors; Color:Red TOOL EXTRACTION #4 CONTACT PLAST PWR SPLY EXT MED 10W 9V @ 1.1A SHIELDED RIBBON CABLE, TWIST N FLAT, 1.27MM TWISTED PAIR, 28AWG, PVC PWR SPLY EXT MED 10W 5V @ 2A
|
Alliance Semiconductor, Corp. 时钟及定 ALSC[Alliance Semiconductor Corporation] http:// Alliance Semiconductor ...
|
DSS6NC51HXXX DSS6NZ81HXXX |
(DSS6 Series) EMI Suooression Filters
|
Murata Electronics
|
28B00XX-XXX |
(2000 Series) Ferrites for EMI Suppression
|
ETC
|
ASM3P2669A |
The el-EMI-nator? Series for Low-Power
|
ALSC
|
SIM2-1515S-SIL7 SIM2-1515D-SIL7 SIM2-1512S-SIL7 SI |
2 W DC/DC SIM-SIL module with 5 V input, 12 V/166 mA output 2 W DC/DC SIM-SIL module with 05 V input, 12 V/82 mA output 2 W DC/DC SIM-SIL module with 5 V input, 5 V/400 mA output From old datasheet system FERRITE EMI PLATE 15MMX15MMX2MM PT 39C 2#16,37#20 PIN PLUG 71-146620-39P FERRITE EMI PLATE 13MMX13MMX2MM FERRITE EMI PLATE 21MMX15MMX2MM 2瓦特超微缩南港岛线模件系 2 Watt Ultra-Miniatur SIL-Modul-Series 2瓦特超微缩南港岛线模件系
|
HN Electronic Components List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
NFM21CC101U1H3D NFM21CCXXXXX1H3 |
(NFM21C Series) On-Board Type (DC) EMI Suppression Filters
|
Murata Manufacturing
|
ASM3P2969A |
From old datasheet system The el-EMI-nator? Series for Low-Power
|
ALSC
|
FRCE-34H1 FRCE-50H1 FRCE-26H1 |
Metal Hood FRC5 Series Shielded Type for EMI Suppression
|
DDK Ltd.
|
527305B 527305J 527305LF 527305M 527305N 527305NC |
EMI/RFI Backshell Assembly for Size 3 ARINC 600 Series Connectors
|
Glenair, Inc.
|
RB8522-36-1M5 RB6122-16-1M0 RB6522-16-1M0 RB6132-2 |
EMC/EMI Chokes RB Series EMC/EMI Chokes RB Series
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|